Part Number Hot Search : 
D2N220DG SMAJ60CA C2188 28F10 C1454 1N4728A ISL85 DA121TT1
Product Description
Full Text Search
 

To Download KSC13003H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC13003H 0
KSC13003H
SEMIHOW REV.A1,Oct 2007
KSC13003H 0
KSC13003H
Switch Mode series NPN silicon Power Transistor
- High voltage, high speed power switching - Suitable for switching regulator, inverters motor controls
1.5 Amperes NPN Silicon Power Transistor 20 Watts
Absolute Maximum Ratings
CHARACTERISTICS Collector-Base Voltage Collector-Emitter Collector Emitter Voltage Emitter-Base Voltage Collector Current(DC) Collector Current(Pulse) Base Current Collector Dissipation(Tc=25) Junction Temperature Storage Temperature
TC=25 unless otherwise noted SYMBOL VCBO VCEO VEBO IC ICP IB PC TJ TSTG RATING 900 530 9 1.5 3 0.75 20 150 -65~150 UNIT V V V A A A W
TO-126 1. Base 2. Collector 3. Emitter
1 2 3
Electrical Characteristics
CHARACTERISTICS Collector-Emitter Breakdown Voltage Emitter Cut-off Current *DC Current Gain Collector-Emitter *Collector-Emitter Saturation Voltage
TC=25 unless otherwise noted SYMBOL VCEO IEBO hFE1 hFE2 VCE(sat) Test Condition IC=5mA, IB=0 VEB=9V,IC=0 VCE=2V,IC=0.5A VCE=2V,IC=1A IC=0 5A IB=0 1A =0.5A,I =0.1A IC=1A,IB=0.25A IC=1.5A,IB=0.5A IC=0.5A,IB=0.1A IC=1A,IB=0.25A
VCB=10V, f=0.1MHz
Min 400
Typ.
Max
Unit V
10 9 5 40 0.5 05 1 3 1 1.2 21 4 1.1 4.0 0.7
V V V V V
*Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn on Time Storage Time Fall Time
* Pulse Test: Pulse Width300s, Duty Cycle2%
VBE(sat) Cob fT ton tstg tF
VCE=10V,IC=0.1A Vcc=125V, Ic=2A IB1=0.2A, IB2= -0.2A RL=125
Note.
R hFE1 Classification O Y 20 ~ 30 25 ~ 35 35 ~ 40
Package Mark information.
S SemiHow symbol Y; Y year code, WW week code d WW; kd hFE1 Classification
S YWW
Z
KSC13003H
YWW Z
SEMIHOW REV.A1,Oct 2007
KSC13003H 0
Typical Characteristics
SEMIHOW REV.A1,Oct 2007
KSC130 003H
Package Dimension
TOTO-126
8.5max
3.2
0.2
2.8max
3.80.2 12max
1.27typ 1 27typ 2.50.2 13max 1.20.2
0.780.08 2.3max 2.3max 0.50.1
Dimensions in Millimeters
SEMIHOW REV.A1,Oct 2007


▲Up To Search▲   

 
Price & Availability of KSC13003H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X